Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8314VRAFDA Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8314VRAFDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314VRAFDA Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8314VRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
82
Freescale Semiconductor
Package and Pin Listings
TSEC2_TXD[1]/CFG_RESET_SOURCE[2]
E8
I/O
LVDD2_ON
—
TSEC2_TXD[0]/CFG_RESET_SOURCE[3]
B7
I/O
LVDD2_ON
—
TSEC2_TX_EN
D12
O
LVDD2_ON
—
TSEC2_TX_ER
B11
O
LVDD2_ON
—
SGMII / PCI Express PHY
TXA
P4
O
XPADVDD
—
TXA
N4
O
XPADVDD
—
RXA
R1
I
XCOREVDD
—
RXA
P1
I
XCOREVDD
—
TXB
U4
O
XPADVDD
—
TXB
V4
O
XPADVDD
—
RXB
U1
I
XCOREVDD
—
RXB
V1
I
XCOREVDD
—
SD_IMP_CAL_RX
N3
I
XCOREVDD
—
SD_REF_CLK
R4
I
XCOREVDD
—
SD_REF_CLK
R5
I
XCOREVDD
—
SD_PLL_TPD
T2
O
—
—
SD_IMP_CAL_TX
V5
I
XPADVDD
—
SDAVDD
T3
I
—
—
SD_PLL_TPA_ANA
T4
O
—
—
SDAVSS
T5
I
—
—
USB Phy
USB_DP
A11
I/O
USB_VDDA
—
USB_DM
A12
I/O
USB_VDDA
—
USB_VBUS
C12
I
—
—
USB_TPA
A14
O
—
—
USB_RBIAS
D14
I
—
8
USB_PLL_PWR3
A13
I
—
—
USB_PLL_GND0 & USB_PLL_GND1
D13
I
—
—
USB_PLL_PWR1
B13
I
—
—
USB_VSSA_BIAS
E14
I
—
—
USB_VDDA_BIAS
C14
I
—
—
USB_VSSA
E13
I
—
—
USB_VDDA
E12
I
—
—
GPIO
GPIO_0/DMA_DREQ1/GTM1_TOUT1
C5
I/O
NVDD1_ON
—
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com