Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566BH Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 6Page - STMicroelectronics L6566BH Datasheet HTML 7Page - STMicroelectronics L6566BH Datasheet HTML 8Page - STMicroelectronics L6566BH Datasheet HTML 9Page - STMicroelectronics L6566BH Datasheet HTML 10Page - STMicroelectronics L6566BH Datasheet HTML 11Page - STMicroelectronics L6566BH Datasheet HTML 12Page - STMicroelectronics L6566BH Datasheet HTML 13Page - STMicroelectronics L6566BH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Pin settings
L6566BH
10/51
Doc ID 16610 Rev 2
11
ZCD
Transformer demagnetization sensing input for quasi-resonant operation and OVP
input. The pin is externally connected to the transformer’s auxiliary winding through
a resistor divider. A negative-going edge triggers MOSFET turn-on if QR mode is
selected.
A voltage exceeding 5 V shuts the IC down and brings its consumption to a lower
value (OVP). Latch OFF or auto-restart mode is selectable externally. This function
is strobed and digitally filtered to increase noise immunity.
12
MODE/SC
Operating mode selection. If the pin is connected to the VREF pin (7), quasi-
resonant operation is selected, the oscillator (pin 13, OSC) determines the
maximum allowed operating frequency.
Fixed-frequency operation is selected if the pin is not tied to VREF, in which case
the oscillator determines the actual operating frequency, the maximum allowed
duty cycle is set at 70% min. and the pin delivers a voltage ramp synchronized to
the oscillator when the gate-drive output is high; the voltage delivered is zero while
the gate-drive output is low. The pin is to be connected to pin CS (7) via a resistor
for slope compensation.
13
OSC
Oscillator pin. The pin is an accurate 1 V voltage source, and a resistor connected
from the pin to GND (pin 3) defines a current. This current is internally used to set
the oscillator frequency that defines the maximum allowed switching frequency of
the L6566BH, if working in QR mode, or the operating switching frequency if
working in FF mode.
14
SS
Soft-start current source. At startup, a capacitor Css between this pin and GND
(pin 3) is charged with an internal current generator. During the ramp, the internal
reference clamp on the current sense pin (7, CS) rises linearly starting from zero to
its final value, therefore causing the duty cycle to increase progressively starting
from zero as well. During soft-start the adaptive UVLO function and all functions
monitoring the COMP pin are disabled. The soft-start capacitor is discharged
whenever the supply voltage of the IC falls below the UVLO threshold. The same
capacitor is used to delay IC shutdown (latch OFF or auto-restart mode selectable)
after detecting an overload condition (OLP).
15
VFF
Line voltage feedforward input. The information on the converter’s input voltage is
fed into the pin through a resistor divider and is used to change the setpoint of the
pulse-by-pulse current limitation (the higher the voltage, the lower the setpoint).
The linear dynamics of the pin ranges from 0 to 3 V. A voltage higher than 3 V
makes the IC stop switching. If feedforward is not desired, tie the pin to GND (pin 3)
directly if a latch-mode OVP is not required (see pin 11, ZCD) or through a 10 k
Ω
min. resistor if a latch-mode OVP is required. Bypass the pin with a capacitor to
GND (pin 3) to reduce noise pick-up.
16
AC_OK
Brownout protection input. A voltage below 0.45 V shuts down (not latched) the IC,
lowers its consumption and clears the latch set by latched protection (DIS > 4.5 V,
SS > 6.4 V, VFF > 6.4 V). IC operation is re-enabled as the voltage exceeds 0.45 V.
The comparator is provided with current hysteresis: an internal 15 µA current
generator is ON as long as the voltage on the pin is below 0.45 V and is OFF if this
value is exceeded. Bypass the pin with a capacitor to GND (pin 3) to reduce noise
pick-up. Tie to Vcc with a 220 to 680 kW resistor if the function is not used.
Table 1.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com