Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566BH Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 15Page - STMicroelectronics L6566BH Datasheet HTML 16Page - STMicroelectronics L6566BH Datasheet HTML 17Page - STMicroelectronics L6566BH Datasheet HTML 18Page - STMicroelectronics L6566BH Datasheet HTML 19Page - STMicroelectronics L6566BH Datasheet HTML 20Page - STMicroelectronics L6566BH Datasheet HTML 21Page - STMicroelectronics L6566BH Datasheet HTML 22Page - STMicroelectronics L6566BH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
19/51
Figure 7.
Timing diagram showing short-circuit behavior (SS pin clamped at 5 V)
Figure 8.
VHV rating vs. temperature
5.2
Zero-current detection and triggering block; oscillator block
The zero-current detection (ZCD) and triggering blocks switch on the external MOSFET if a
negative-going edge falling below 50 mV is applied to the input (pin 11, ZCD). To do so, the
triggering block must be previously armed by a positive-going edge exceeding 100 mV.
This feature is typically used to detect transformer demagnetization for QR operation, where
the signal for the ZCD input is obtained from the transformer’s auxiliary winding used also to
supply the L6566BH. The triggering block is blanked for TBLANK = 2.5 µs after MOSFET
AM11483v1
Vcc
(pin 5)
GD
(pin 4)
Vcc_OK
VccON
VccOFF
Vccrestart
Icharge
0.85 mA
Short circuit occurs here
t
t
t
Trep
< 0.03Trep
AM11484v1
0.900
0.920
0.940
0.960
0.980
1.000
1.020
1.040
1.060
1.080
-50
-25
0
25
50
75
100
125
150
Tj ( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com