Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566BH Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 23Page - STMicroelectronics L6566BH Datasheet HTML 24Page - STMicroelectronics L6566BH Datasheet HTML 25Page - STMicroelectronics L6566BH Datasheet HTML 26Page - STMicroelectronics L6566BH Datasheet HTML 27Page - STMicroelectronics L6566BH Datasheet HTML 28Page - STMicroelectronics L6566BH Datasheet HTML 29Page - STMicroelectronics L6566BH Datasheet HTML 30Page - STMicroelectronics L6566BH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
27/51
the theoretical one. It is therefore more practical to provide a first cut value, simple to
calculate, and then to fine tune experimentally.
Assuming that the system operates exactly at the boundary between DCM and CCM, and
neglecting propagation delays, the following expression for kopt can be found:
Equation 6
Experience shows that this value is typically lower than the real one. Once the maximum
peak primary current, IPKpmax, occurring at minimum input voltage Vinmin has been found,
the value of Rs can be determined from (5):
Equation 7
The converter is then tested on the bench to find the output power level Poutlim where
regulation is lost (because overcurrent is being tripped) both at Vin = Vinmin and
Vin = Vinmax.
If Poutlim @ Vinmax > Poutlim @ Vinmin the system is still undercompensated and k needs to
increase; if Poutlim @ Vinmax < Poutlim @ Vinmin the system is overcompensated and k
needs to decrease. This goes on until the difference between the two values is acceptably
low. Once the true kopt is found in this way, it is possible that Poutlim can turn out slightly
different from the target; to correct this, the sense resistor Rs needs to be adjusted and the
above tuning process is repeated with the new Rs value. Typically, a satisfactory setting is
achieved in no more than a couple of iterations.
()
R
max
in
min
in
max
in
min
in
R
opt
V
V
V
V
V
V
3
k
⋅
+
+
⋅
⋅
=
max
PKp
min
in
opt
I
V
3
k
1
Rs
−
=
Figure 17.
Left: overcurrent setpoint vs. VFF voltage; right: line feedforward function block
AM11493v1
Vcsx [V]
0
0.5
1
1.5
2
2.5
33.5
0
0.2
0.4
0.6
0.8
1
1.2
VVFF [V]
VCOMP= Upper clamp
7
9
15
Rs
Rectified Line Voltage
DRIVER
4
R
S
Q
R1
R2
COMP
VFF
CS
GD
L6566BH
1.5 V
+
-
Hiccup
DISABLE
VOLTAGE
FEED
FORWARD
Optional for
OVP settings
OCP
+
-
PWM
+
-
Vcsx
Clock/ZCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com