Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6644TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM6644TR
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM6644TR Datasheet HTML 14Page - STMicroelectronics PM6644TR Datasheet HTML 15Page - STMicroelectronics PM6644TR Datasheet HTML 16Page - STMicroelectronics PM6644TR Datasheet HTML 17Page - STMicroelectronics PM6644TR Datasheet HTML 18Page - STMicroelectronics PM6644TR Datasheet HTML 19Page - STMicroelectronics PM6644TR Datasheet HTML 20Page - STMicroelectronics PM6644TR Datasheet HTML 21Page - STMicroelectronics PM6644TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Device description
PM6644
18/35
Doc ID 023203 Rev 1
2.1.5
Current sensing and current limit
The PM6644 implements a positive valley current limit to protect the application from an
overcurrent fault. The inductor current is sensed during the OFF-time TOFF by measuring
the voltage drop across the integrated low-side MOSFET using the MOSFET RDS(on) as a
lossless sensing element. The voltage drop is then compared with a fixed voltage threshold
so that the inductor (or low-side MOSFET) trip current of the comparator is about 350 mA
(minimum value).
A new switching cycle cannot start until the inductor current goes lower than the 350 mA
current limit threshold. As a result, the device can work with a maximum inductor RMS
current ILRMS (max) equal to:
Equation 6
where
∆IL is the inductor current ripple.
Figure 22.
Current waveforms in current limit conditions
Figure 21.
Inductor current in skip mode
TSWCCM
Load> ∆IL/2
∆IL
IL
Load< ∆IL/2
t
t
IL
∆IL
TSWDCM
AM11781v1
I
LRMS max
()
350mA
I
L
∆
2
--------
+
=
Time
maximum DC current
350mA valley current
limit threshold
Inductor current
Current
AM11780v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com