Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6644TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM6644TR
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM6644TR Datasheet HTML 15Page - STMicroelectronics PM6644TR Datasheet HTML 16Page - STMicroelectronics PM6644TR Datasheet HTML 17Page - STMicroelectronics PM6644TR Datasheet HTML 18Page - STMicroelectronics PM6644TR Datasheet HTML 19Page - STMicroelectronics PM6644TR Datasheet HTML 20Page - STMicroelectronics PM6644TR Datasheet HTML 21Page - STMicroelectronics PM6644TR Datasheet HTML 22Page - STMicroelectronics PM6644TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
PM6644
Device description
Doc ID 023203 Rev 1
19/35
2.1.6
Soft-start and soft-end
The switching section has an EN pin. A non-programmable soft-start procedure takes place
when the EN pin rises above 2.1 V.
To prevent high input inrush currents, the current limit is increased from 25% to 100% of the
current limit threshold with steps of 25%.
The procedure is not programmable and ends typically in 2.8 ms. The overvoltage protection
is always active while the undervoltage protection is enabled at the end of the 2.8 ms.
Driving one EN pin below 1.8 V makes the section perform a soft-end: gate driving signals
are pulled low and the output is discharged through an internal MOSFET with RDS(on) of
50
Ω typ.
2.1.7
Monitoring
The PM6644 controls its switching output to prevent any damage or uncontrolled working
condition.
2.1.8
Overvoltage protection
The PM6644 provides a latched overvoltage protection (OVP). If the output voltage rises
above 120% of the nominal value, a latched OVP protection is activated. The controller turns
on the low-side MOSFET keeping the output voltage at 0 V.
The protection is latched and this fault is cleared by cycling VCC < 2.1 V and then > 3 V.
2.1.9
Undervoltage protection
If, during regulation, the output voltage drops under 62% of the nominal value, an
undervoltage latched fault is detected. The controller performs a soft-end procedure (see
Section 2.1.6 ). The undervoltage fault is reset by toggling the EN pin or by cycling VCC <
2.1 V and then > 3 V.
2.1.10
VCC undervoltage
The device monitors the voltage at the VCC pin. The switching section can start operating
only if the voltage at the PVCC pin is above 3 V. If PVCC falls below 2.1 V, the switching
section is turned off until PVCC voltage goes over 3 V.
Table 8.
Fault management summary
Fault
Condition
Device behavior
Overvoltage
VOUT > +120%
The low-side MOSFET is turned on keeping the
output voltage at 0 V. Latched fault, cleared
toggling EN or cycling VCC < 2.1 V and then > 3
V.
Undervoltage
VOUT < 62%
The controller performs a soft-end. Latched fault
cleared toggling EN or cycling VCC < 2.1 V and
then > 3 V.
VCC undervoltage
VCC < 2.1 V
The controller turns off the switching section until
PVCC voltage goes over 3 V. Not latched fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com