Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6644TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6644TR
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6644TR Datasheet HTML 19Page - STMicroelectronics PM6644TR Datasheet HTML 20Page - STMicroelectronics PM6644TR Datasheet HTML 21Page - STMicroelectronics PM6644TR Datasheet HTML 22Page - STMicroelectronics PM6644TR Datasheet HTML 23Page - STMicroelectronics PM6644TR Datasheet HTML 24Page - STMicroelectronics PM6644TR Datasheet HTML 25Page - STMicroelectronics PM6644TR Datasheet HTML 26Page - STMicroelectronics PM6644TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
PM6644
Application information
Doc ID 023203 Rev 1
23/35
K is a constant (< 0.1) that defines the ratio between the controller bandwidth and the
switching frequency.
The output capacitor must store the inductor energy generating an output ripple within the
output voltage ripple requirements.
If an output tantalum capacitor is used, in CCM the voltage ripple VRIPPLEout is given by:
Equation 14
A low ESR capacitor is required to reduce the output voltage ripple.
If an output ceramic capacitor is used, in CCM the voltage ripple VRIPPLEout is given by:
Equation 15
Finally the output capacitor choice heavily impacts the load transient response.
Table 12 shows a list of some capacitor part numbers.
3.1.4
Maximum RMS output current
Both high-side and low-side embedded power MOSFETs of the switching regulator can
withstand a maximum RMS current of 300 mA.
The maximum sustainable RMS output current ILOADRMS of the switching regulator depends
on the application specifications of:
●
input voltage VIN
●
output voltage VOUT
●
inductor current ripple
∆IL (that depends on the switching frequency FSW and on the
inductor value L, according to Equation 7 ).
The maximum RMS currents of high-side (IRMS,HS) and low-side (IRMS,LS) MOSFETs are
given by:
Equation 16
Table 12.
Output capacitor part number
Manufacturer
Part number
Capacitor value
(
µF)
Rated voltage (V)
ESR max. (M
Ω)
TAYIO YUDEN
JMK212BJ226MG-T
22
6.3
70
SANYO
POSCAP 6TPC33M
33
6.3
7 to 15
V
RIPPLEout
R
out
∆I
L
⋅
=
V
RIPPLEout
T
sw
∆I
L
⋅
8C
OUT
⋅
-------------------------
=
I
RMS HS
,
DI
LRMS
DI
LOAD
()
2
∆I
L
()
2
12
----------------
+
⋅
300mA
=
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com