Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA6X0 Datasheet(PDF) 2 Page - VTI technologies

Part # SCA6X0
Description  Assembly Instructions for SCA6x0 and SCA10x0 series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA6X0 Datasheet(HTML) 2 Page - VTI technologies

  SCA6X0 Datasheet HTML 1Page - VTI technologies SCA6X0 Datasheet HTML 2Page - VTI technologies SCA6X0 Datasheet HTML 3Page - VTI technologies SCA6X0 Datasheet HTML 4Page - VTI technologies SCA6X0 Datasheet HTML 5Page - VTI technologies SCA6X0 Datasheet HTML 6Page - VTI technologies SCA6X0 Datasheet HTML 7Page - VTI technologies SCA6X0 Datasheet HTML 8Page - VTI technologies SCA6X0 Datasheet HTML 9Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Assembly Instructions for SCA6x0 and SCA10x0 series
TN71
VTI Technologies Oy
2/12
www.vti.fi
Rev.1.0
1
Objective
This document provides general guidelines for Printed Circuit Board (PCB) design and assembly of
VTI's surface mountable DIL type of Pre-molded Lead-frame packages (DIL-8 for SCA6x0 series
and DIL-12 for SCA10x0 series).
It should be emphasized that this document serves only as a design guideline to help develop the
optimal assembly conditions. It is essential that users also use their own manufacturing practices
and experience to be able to fulfill the needs of varying end-use applications.
2
VTI'S DIL-8 and DIL-12 packages
The SCA6x0 and SCA10x0 series products are SMD DIL-8 / DIL-12 components, pick-and-place
mountable, and reflow solderable. These components are completely lead-free and designed to
meet the demanding lead free soldering processes. The package consists of a pre-molded plastic
housing, with a copper based lead frame having gull-wing type of leg pins on the side of the
package to provide electrical contact to the PCB. A metal lid is attached to the top of the package.
The DIL-8 and DIL-12 packages are presented in Figure 1.
Figure 1:
Three dimensional views of the DIL-8 and DIL-12 packages.
3
Package Outline and Dimensions
The outline and dimensions for the DIL-8 package are presented in Figure 2.
Figure 2:
Outline and dimensions for DIL-8 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com