Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA6X0 Datasheet(PDF) 7 Page - VTI technologies

Part # SCA6X0
Description  Assembly Instructions for SCA6x0 and SCA10x0 series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA6X0 Datasheet(HTML) 7 Page - VTI technologies

Back Button SCA6X0 Datasheet HTML 3Page - VTI technologies SCA6X0 Datasheet HTML 4Page - VTI technologies SCA6X0 Datasheet HTML 5Page - VTI technologies SCA6X0 Datasheet HTML 6Page - VTI technologies SCA6X0 Datasheet HTML 7Page - VTI technologies SCA6X0 Datasheet HTML 8Page - VTI technologies SCA6X0 Datasheet HTML 9Page - VTI technologies SCA6X0 Datasheet HTML 10Page - VTI technologies SCA6X0 Datasheet HTML 11Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Assembly Instructions for SCA6x0 and SCA10x0 series
TN71
VTI Technologies Oy
7/12
www.vti.fi
Rev.1.0
The typical ramp up rate is 3°C/second max. For lead-free soldering with SnAgCu solder the pre-
heat temperature zone is ~ 150°-200° and should last for ~ 60-180 seconds. Time above the
liquidus temperature (~217°C) should be ~ 60-150 seconds. The reflow peak max. temperature
should not exceed 250°. Temperature within actual peak temperature is typically ~20-40 seconds.
Ramp down rate should generally be 6°C/second max.
Figure 8:
Typical convection reflow soldering phases and profile.
The process window for lead-free soldering is narrower than for traditional eutectic SnPb solders.
Thus, caution has to be taken care when adjusting the reflow profiles. The reflow profile should be
measured using a thermo-couple measurement system. It is recommended to use at least three
thermo-couples, depending on the application. As a general guide, one thermo-couple should be
placed under a component having the largest thermal mass, one next to the smallest component,
one should be in contact with DIL component's solder joint, and others to the appropriate spots on
a circuit board, e.g. corner, center, bottom of the board etc. The reflow profile should be adjusted
according to the measured data so that each solder joint experiences an optimal reflow profile. The
temperature gradient should be as small as possible across the circuit board. Extreme caution has
to be taken if the circuit board contains components with highly different thermal masses.
5.7
Moisture sensitivity level (MSL) classification
The Moisture Sensitivity Level of the DIL component is Level 3 according to the IPC/JEDEC J-
STD-020C. This means that the part is delivered in a dry pack bag and the manufacturing floor time
(out of bag) at the customer’s end is 168 hours.
Following instruction shall be followed:
1. Calculated shelf life in sealed bag: 12 months at < 40 °C and < 90% relative humidity (RH).
2. Maximum soldering peak temperature for the package is 250
°C/40sec, measured from the
package body.
3. After bag is opened, devices that will be subjected to reflow solder or other high temperature
process must be
a) Stored at <10% RH,
or
b) Mounted within 168 hours of factor conditions ≤30 °C/60%RH.
Note: Do not re-store devices that have exposed >10% RH conditions
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com