Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX5231 Datasheet(PDF) 2 Page - International Rectifier

Part # MCR03EZPFX5231
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX5231 Datasheet(HTML) 2 Page - International Rectifier

  MCR03EZPFX5231 Datasheet HTML 1Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 2Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 3Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 4Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 5Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 6Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 7Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 8Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
IR3837MPbF
Rev 1.31
Package Information
5mm x 6mm Power QFN
(Top View)
13
PVin
12
SW
11
PGnd
17
Gnd
1
23
4
5
6
7
8
9
16
15
Fb Vref Comp Gnd
Rt OCset PGood
Sync
Vin
Vp
Boot
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
•
PVin, Vin ……………………………………………… -0.3V to 25V
•
Vcc/LDO_out ……………….……..……..……….…… -0.3V to 8V (Note2)
•
Boot
……………………………………..……….….. -0.3V to 33V
•
SW
…………………………………………..……… -0.3V to 25V (DC), -4V to 25V (AC, 100ns)
•
Boot to SW
……..…………………………… …..…. -0.3V to Vcc+0.3V (Note1)
•
OCset
…………………………………………..…… -0.3V to 30V
•
Input / output Pins ………………………………... ... -0.3V to Vcc+0.3V (Note1)
•
PGnd to Gnd ……………...………………….…….…. -0.3V to +0.3V
•
Storage Temperature Range .................................... -55°C To 150°C
•
Junction Temperature Range ................................... -40°C To 150°C (Note2)
•
ESD Classification …………………………… ……… JEDEC(2KV)
•
Moisture sensitivity level………………...……………. JEDEC Level 2 @260 °C (Note 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
Enable
Vcc/LDO_out
10
14
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
4000
17
IR3837MTRPbF
M
750
PARTS PER
REEL
17
PIN
COUNT
IR3837MTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com