Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX5231 Datasheet(PDF) 4 Page - International Rectifier

Part # MCR03EZPFX5231
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX5231 Datasheet(HTML) 4 Page - International Rectifier

  MCR03EZPFX5231 Datasheet HTML 1Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 2Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 3Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 4Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 5Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 6Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 7Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 8Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
IR3837MPbF
Rev 1.31
Pin Description
Pin Name
Description
1
Fb
Inverting input to the error amplifier. This pin is connected directly to the
output of the regulator via resistor divider to set the output voltage and
provide feedback to the error amplifier
2
Vref
External reference voltage, can be used for margining operation. A
100nF capacitor should be connected between this pin and Gnd.
3
Comp
Output of error amplifier. An external resistor and capacitor network is
typically connected from this pin to Fb to provide loop compensation
4
Gnd
Signal ground for internal reference and control circuitry
5
Rt
Use an external resistor from this pin to Gnd to set the switching
frequency
6
OCset
Current limit set point. A resistor from this pin to SW pin will set the
current limit threshold
7
PGood
Power Good status pin. Output is open drain. Connect a pull up resistor
from this pin to Vcc
8
Sync
External Synchronization, this pin is used to synchronize the device’s
switching with an external clock. It is recommended that the external
Sync clock be set to 20% above the free-running frequency. If not used,
this pin can be left floating.
9
Vin
Input voltage for Internal LDO. A 1.0µF capacitor should be connected
between this pin and PGnd. If external supply is connected to
Vcc/LDO_out pin, this pin should be left floating.
10
V
CC
/LDO_out
Input Bias Voltage, output of internal LDO. Place a minimum 2.2µF cap
from this pin to PGnd
11
PGnd
Power Ground. This pin serves as a separated ground for the MOSFET
drivers and should be connected to the system’s power ground plane.
12
SW
Switch node. This pin is connected to the output inductor
13
PVin
Input voltage for power stage
14
Boot
Supply voltage for high side driver, a 100nF capacitor should be
connected between this pin and SW pin.
15
Enable
Enable pin to turn on and off the device, if this pin is connected to PVin
pin through a resistor divider, input voltage UVLO can be implemented.
16
Vp
Input to error amplifier for tracking purposes
17
Gnd
Signal ground for internal reference and control circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com