Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX5231 Datasheet(PDF) 30 Page - International Rectifier

Part # MCR03EZPFX5231
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX5231 Datasheet(HTML) 30 Page - International Rectifier

Back Button MCR03EZPFX5231 Datasheet HTML 26Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 27Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 28Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 29Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 30Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 31Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 32Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 33Page - International Rectifier MCR03EZPFX5231 Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
IR3837MPbF
Rev 1.31
TYPICAL OPERATING WAVEFORMS
Vin=12V, Vcc/LDO_out=5.2V, Vo=1.8V, Io=0-14A, Room Temperature, No Air Flow
Fig.29: Bode Plot at 10A load shows a bandwidth of 93kHz and phase margin of 49 degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com