Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6620AS Datasheet(PDF) 12 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 8Page - Analog Devices AD6620AS Datasheet HTML 9Page - Analog Devices AD6620AS Datasheet HTML 10Page - Analog Devices AD6620AS Datasheet HTML 11Page - Analog Devices AD6620AS Datasheet HTML 12Page - Analog Devices AD6620AS Datasheet HTML 13Page - Analog Devices AD6620AS Datasheet HTML 14Page - Analog Devices AD6620AS Datasheet HTML 15Page - Analog Devices AD6620AS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD6620
–12–
REV. A
Name
Type
Description
VDD
P
3.3 V Supply
VSS
G
Ground
CLK
I
Input Clock
RESET
I
Active Low Reset Pin
IN[15:0]
I
Input Data (Mantissa)
EXP[2:0]
I
Input Data (Exponent)
A/B
I
Channel (A/B) Select
SYNC_NCO
I/O
Sync Signal for NCO
SYNC_CIC
I/O
Sync Signal for CIC Stages
SYNC_RCF
I/O
Sync Signal for RCF
MODE
I
Sets Microport Mode: Mode 1, (MODE = 1), Mode 0, (MODE = 0)
A[2:0]
I
Microprocessor Interface Address
D[7.0]
I/O/T
Microprocessor Interface Data
DS or RD
I
Mode 1: Data Strobe Line, Mode 0: Read Signal
R/W or
WR
I
Read/Write Line (Write Signal)
CS
I
Chip Select, Enables the Chip for
µP Access
DTACK or RDY
O
Acknowledgment of a Completed Transaction (Signals when
µP Port Is Ready for an Access)
PAR/SER
I
Parallel/Serial Control Select (PAR = 1, SER = 0)
DVOUT
O
Data Valid Pin for the Parallel Output Data
A/BOUT
O
Signals to Which Channel the Output Belongs to (A = 1, B = 0)
I/QOUT
O
Signals Whether I or Q Data Is Present (I = 1, Q = 0)
TRST
I
Test Reset Pin
TCK
I
Test Clock Input
TMS
I
Test Mode Select Input
TDI
I
Test Data Input
TDO
I
Test Data Output
Pin Types: I = Input, O = Output, P = Power Supply, G = Ground, T = Three-state.
SHARED PINS
Parallel Outputs (PAR/SER = 1 at RESET)
Serial Port (PAR/SER = 0 at RESET)
Name
Type
Description
Name
Type
Description
OUT15
O
Parallel Output Data
SCLK
I/O
Serial Clock Input (SBM =0)
Serial Clock Output (SBM = 1)
OUT14
O
Parallel Output Data
SDI
I
Serial Data Input
OUT13
O
Parallel Output Data
SDO
O/T
Serial Data Output
OUT12
O
Parallel Output Data
SDFS
I/O
Serial Data Frame Sync Input (SBM = 0)
Serial Data Frame Sync Output (SBM = 1)
OUT11
O
Parallel Output Data
SDFE
O
Serial Data Frame End
OUT10
O
Parallel Output Data
SBM
I
Serial Bus Master (Master = 1, Cascade = 0)
OUT9
O
Parallel Output Data
WL1
I
Serial Port Word Length, Bit 1
OUT8
O
Parallel Output Data
WL0
I
Serial Port Word Length, Bit 0
OUT7
O
Parallel Output Data
AD
I
Append Data
OUT[6:4]
O
Parallel Output Data
NC
NC
Unused, Do Not Connect
OUT3
O
Parallel Output Data
SDIV3
I
SCLK Divide Value, Bit 3
OUT2
O
Parallel Output Data
SDIV2
I
SCLK Divide Value, Bit 2
OUT1
O
Parallel Output Data
SDIV1
I
SCLK Divide Value, Bit 1
OUT0
O
Parallel Output Data (LSB)
SDIV0
I
SCLK Divide Value, Bit 0
Pin Types: I = Input, O = Output, P = Power Supply, G = Ground, T = Three-state.
PIN FUNCTION DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com