Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6620AS Datasheet(PDF) 32 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 28Page - Analog Devices AD6620AS Datasheet HTML 29Page - Analog Devices AD6620AS Datasheet HTML 30Page - Analog Devices AD6620AS Datasheet HTML 31Page - Analog Devices AD6620AS Datasheet HTML 32Page - Analog Devices AD6620AS Datasheet HTML 33Page - Analog Devices AD6620AS Datasheet HTML 34Page - Analog Devices AD6620AS Datasheet HTML 35Page - Analog Devices AD6620AS Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD6620
–32–
REV. A
Read Pseudocode
int read_micro(ext_address);
main();
{
/
* This code shows the reading of the NCO frequency register
using the read_micro function as defined above. The variable
address is the External Address A[2..0] and data is the value to
be placed in the external interface register. The NCO register is
located at Internal Address = 0x303.
*/
// holding registers for NCO byte wide access data
int d3, d2, d1, d0;
// NCO frequency word (32-bits wide)
// write AMR
write_micro(7, 0x03 );
// write LAR
write_micro(6, 0x03);
/
* read D[7:0] from DR0, All data is moved from the Internal
Registers to the interface registers on this access. Reading
should be initiated with a read from DR0. Therefore, DR1,
DR2 and DR3 can be read after DR0
*/
d0 = read_micro(0) & 0xFF;
// read D[15:8] from DR1
d1 = read_micro(1) & 0xFF;
// read D[23:16] from DR2
d2 = read_micro(2) & 0xFF;
// read D[31:24] from DR3
d3 = read_micro(3) & 0xFF;
// DR4 is not needed because NCO_FREQ is only 32-bits
// Assemble 32-bit NCO_FREQ word from the 4 byte
components
NCO_FREQ = d0 + (d1 << 8) + (d2 << 16) + (d3 << 24);
} // end of main
Auto Increment Feature
To increase throughput, an auto increment feature is provided.
This feature is controlled by Bits 6 and 7 of the AMR. If these
bits are set to 00, the address remains the same after an internal
access. If set to 01, the address is incremented after a read access
has been performed. If set to 10, the address is incremented
after a write access is performed. If set to 11, the address is incre-
mented after each access, read or write. This allows the AD6620
to be initialized in a much shorter time since the access to the
LAR and AMR must occur only once to initialize or read-back
the entire device.
MICROPORT CONTROL
External reads and writes are accomplished in one of two modes
via the Microprocessor Port. The
CS, RD (DS), RDY (DTACK),
WR (R/W) and MODE pins are used to control the access. The
specific function of these pins depends on whether the access is
MODE 0 or MODE 1. The Mode 1 signal names are those
listed on the pinout. The access mode is controlled by the
MODE input as described in the following sections.
Table XII. Microprocessor Control Signals
MODE 0
MODE 1
A[2:0] (Address Lines)
A[2:0] (Address Lines)
D[7:0] (Data Lines)
D[7:0] (Data Lines)
CS (Chip Select)
CS (Chip Select)
RD (Read Strobe)
DS (Data Strobe)
WR (Write Strobe)
R/W (Read/Write Select)
RDY (Ready Signal)
DTACK (Data Acknowledge)
MODE (Mode Select)
MODE (Mode Select)
The Microport is synchronous with the master clock (CLK) of
the AD6620, but the interface is not required to be. If the speed
of the interface is significantly slower than CLK, synchronicity
should not be an issue. If the interface is relatively fast com-
pared to CLK, the user may need to synchronize the Microport
to CLK or add wait states to the controlling processor. The
timing diagrams show the relationship of the control signals to
clock and the user should use these as a guide to implement a
Microport interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com