Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6620AS Datasheet(PDF) 18 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 14Page - Analog Devices AD6620AS Datasheet HTML 15Page - Analog Devices AD6620AS Datasheet HTML 16Page - Analog Devices AD6620AS Datasheet HTML 17Page - Analog Devices AD6620AS Datasheet HTML 18Page - Analog Devices AD6620AS Datasheet HTML 19Page - Analog Devices AD6620AS Datasheet HTML 20Page - Analog Devices AD6620AS Datasheet HTML 21Page - Analog Devices AD6620AS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD6620
–18–
REV. A
real mode with full rate timing the delay is seven CLKs. If
instead the data rate is one-fourth CLK, then 28 CLKs (i.e.,
seven sample data delays, gated via A/B) occur before valid data
is passed to the NCO stage.
Interfacing AD6620 Inputs to 5 V Logic Gates
None of the inputs to the AD6620 are tolerant of 5 V logic
signals. When interfacing 5 V devices to this product, an interface
gate such as the 74LCX2244 is recommended. If latching must
be performed, 74LCX574 latches may be used. This gate runs
from the 3.3 V supply and is tolerant of 5 V inputs.
OUTPUT DATA PORT
Parallel Output Data Port
The AD6620 provides a choice of two output ports: a 16-bit
parallel port and a synchronous serial port. Output operation
using the serial port is discussed in the next section. The parallel
port is limited to 16 bits. Because pins are shared between the
parallel and serial output ports, only one output mode can be
used. The output mode must be set with a hard reset generated
by at least a 30 ns low time on the
RESET pin. If the PAR/SER
line is high (Logic “1”), then parallel output data is activated.
The PAR/SER pin should remain static after the output mode
has been set (i.e., PAR/SER should only change when
RESET is
low). Data out of the AD6620 is two’s complement.
A scale factor is associated with the output port, which allows
the signal level to be adjusted. This scale factor is mapped to
location 309h, Bits 2–0 in the AD6620 internal address space.
This scalar controls the weight of the 16-bit data going to the
parallel port. The scale factor is discussed in the RAM Coeffi-
cient Filter (RCF) section.
The Parallel Mode provides a 16-bit output port, which consti-
tutes the I and Q data for either one or both channels. This port
can run at a maximum of 67 MHz (33.5 MHz I, 33.5 MHz Q).
This rate assumes that there is a minimum decimation of 2 in
the first filter stage (CIC2) or a 2
× or greater CLK is used. This
decimation is required because for every input word there is
both an I and a Q output. When the data rate and clock rate are
the same (Full Rate Input Timing), the minimum decimation of
2 must occur in CIC2. Refer to CIC2 for more detail.
DVOUT
DVOUT is provided to signal that valid data is present. If this pin
is high, there is a valid data word on the bus. DVOUT remains high
for two high-speed clock cycles in Single Channel Real and Single
Channel Complex Mode and for four high-speed clock cycles in
Diversity Channel Real mode. After DVOUT returns low the Q data
will remain until the next data sample.
I/QOUT
When this pin is high the data word represents I data; when
I/QOUT is low Q data is present. This signal will also be low when
DVOUT is low since the last word of every data phase is Q data.
A/BOUT
If DVOUT is low, A/BOUT is always low. When A/BOUT is high, A
Channel data is available on the output. If DVOUT remains high
while A/BOUT is low, then B Channel data is on the output pins
of the chip OUT[15:0].
CLK
OUT[15:0]
VALID DATA
A DATA
tDPR
tDPF
tDPF
IQ
IA
QA
DVOUT
I/QOUT
A/BOUT
Figure 28. Parallel Output Data Timing (Single-Channel
Mode)
tDPR
tDPF
tDPF
tDPF
IQ
IQ
IA
QA
IB
QB
VALID DATA
A DATA
B DATA
CLK
OUT[15:0]
DVOUT
I/QOUT
A/BOUT
Figure 29. Parallel Output Data Timing (Diversity Channel
Mode)
Serial Output Data Port
The AD6620 provides a choice of two output ports: a 16-bit
parallel port and a synchronous serial port. The advantage of
using the serial port is that all 23 bits of available data can be
output in the 24-bit or 32-bit mode. The serial output port
shares some of the same pins used by the parallel output port.
As a result, one or the other mode of output may be utilized,
but not both. The output mode must be set with a hard reset
generated by at least a 30 ns low time on the
RESET pin. If the
PAR/SER line is low (Logic “0”) upon reset, then serial output
data is activated. The PAR/SER pin should remain static after
the output mode has been set (i.e., PAR/SER should only change
when
RESET is low).
Note that the AD6620 cannot be booted through the serial port.
The microport must be used to initialize the device, then serial
operation is supported.
Figure 30 shows the typical interconnections between an AD6620
in serial master mode and a DSP. Refer to the Serial Control
Port section for a detailed description of pin functions and pro-
cedures for writing and reading with relation to the serial port.
Note the 10 k
Ω resistors connected to SDI and SDO. These
prevent the lines from toggling when the AD6620 or DSP
three-states these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com