Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7911AUJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7911AUJZ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7911AUJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD7911AUJZ-R2 Datasheet HTML 1Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2-Channel, 2.35 V to 5.25 V
250 kSPS, 10-/12-Bit ADCs
AD7911/AD7921
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703 ©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 250 kSPS
Specified for VDD of 2.35 V to 5.25 V
Low power:
4 mW typ at 250 kSPS with 3 V supplies
13.5 mW typ at 250 kSPS with 5 V supplies
Wide input bandwidth:
71 dB minimum SNR at 100 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI®/QSPI™/MICROWIRE™/DSP compatible
Standby mode: 1 μA maximum
8-lead TSOT package
8-lead MSOP package
APPLICATIONS
Battery-powered systems:
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
High speed modems
Optical sensors
GENERAL DESCRIPTION
The AD7911/AD79211 are 10-bit and 12-bit, high speed, low
power, 2-channel successive approximation ADCs, respectively.
The parts operate from a single 2.35 V to 5.25 V power supply
and feature throughput rates of up to 250 kSPS. The parts
contain a low noise, wide bandwidth track-and-hold amplifier,
which can handle input frequencies in excess of 6 MHz. The
conversion process and data acquisition are controlled using CS
and the serial clock, allowing the devices to interface with
microprocessors or DSPs. The input signal is sampled on the
falling edge of CS, and the conversion is also initiated at this
point. There are no pipeline delays associated with the part.
The channel to be converted is selected through the DIN pin,
and the mode of operation is controlled by CS. The serial data
stream from the DOUT pin has a channel identifier bit, which
provides information about the converted channel.
1 Protected by U.S. Patent Number 6,681,332.
FUNCTIONAL BLOCK DIAGRAM
T/H
CONTROL LOGIC
10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
VDD
AD7911/AD7921
VIN0
VIN1
SCLK
DOUT
CS
DIN
MUX
Figure 1.
The AD7911/AD7921 use advanced design techniques to
achieve very low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD, thereby
allowing the widest dynamic input range to the ADC. The
analog input range for the part, therefore, is 0 to VDD. The
conversion rate is determined by the SCLK signal.
PRODUCT HIGHLIGHTS
1.
2-channel, 250 kSPS, 10-/12-bit ADCs in TSOT package.
2.
Low power consumption.
3.
Flexible power/serial clock speed management.
The conversion rate is determined by the serial clock;
conversion time is reduced when the serial clock speed is
increased. The parts also feature a power-down mode to
maximize power efficiency at lower throughput rates.
Average power consumption is reduced when the power-
down mode is used while not converting. Current
consumption is 1 μA maximum and 50 nA typically when
in power-down mode.
4.
Reference derived from the power supply.
5.
No pipeline delay.
The parts feature a standard successive approximation
ADC with accurate control of the sampling instant via a CS
input and once-off conversion control.


Similar Part No. - AD7911AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7911AUJ-R2 AD-AD7911AUJ-R2 Datasheet
312Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
AD7911AUJ-REEL7 AD-AD7911AUJ-REEL7 Datasheet
312Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
More results

Similar Description - AD7911AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7912 AD-AD7912 Datasheet
386Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
AD7911 AD-AD7911 Datasheet
312Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com