Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7911AUJZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7911AUJZ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7911AUJZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7911AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 12Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 13Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 14Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 15Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7911/AD7921
Rev. A | Page 12 of 28
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n is equal to zero. For
example, the second-order terms include (fa + fb) and (fa − fb),
while the third-order terms include (2fa + fb), (2fa − fb), (fa +
2fb), and (fa − 2fb).
The AD7911/AD7921 are tested using the CCIF standard,
where two input frequencies are used (see fa and fb in the
Specifications section). In this case, the second-order terms are
usually distanced in frequency from the original sine waves,
while the third-order terms are usually at a frequency close to
the input frequencies. As a result, the second-order and third-
order terms are specified separately. The calculation of the
intermodulation distortion is as in the THD specification,
where it is defined as the ratio of the rms sum of the individual
distortion products to the rms amplitude of the sum of the
fundamentals expressed in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com