Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7911AUJZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7911AUJZ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7911AUJZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7911AUJZ-R2 Datasheet HTML 20Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 21Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 22Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 23Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 24Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 25Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 26Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 27Page - Analog Devices AD7911AUJZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7911/AD7921
Rev. A | Page 25 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 35. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
13
5
6
2
8
4
7
2.90 BSC
PIN 1
INDICATOR
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.10 MAX
*0.90
0.87
0.84
SEATING
PLANE
*1.00 MAX
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
*COMPLIANT TO JEDEC STANDARDS MO-193-BA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
Figure 36. 8-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Linearity
Error (LSB)2
Package
Description
Package
Option
Branding
AD7911ARMZ
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
#C1J
AD7911ARMZ-REEL
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
#C1J
AD7911ARM-REEL7
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
#C1J
AD7911ARMZ-REEL7
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
#C1J
AD7911AUJZ-R2
−40°C to +85°C
±0.5 max
8-lead TSOT
UJ-8
#C1J
AD7911AUJZ-REEL7
−40°C to +85°C
±0.5 max
8-lead TSOT
UJ-8
#C1J
AD7921ARMZ
−40°C to +85°C
±1.5 max
8-lead MSOP
RM-8
#C1K
AD7921ARMZ-REEL
−40°C to +85°C
±1.5 max
8-lead MSOP
RM-8
#C1K
AD7921ARMZ-REEL7
−40°C to +85°C
±1.5 max
8-lead MSOP
RM-8
#C1K
AD7921AUJZ-R2
−40°C to +85°C
±1.5 max
8-lead TSOT
UJ-8
#C1K
AD7921AUJZ-REEL7
−40°C to +85°C
±1.5 max
8-lead TSOT
UJ-8
#C1K
1 Z = RoHS Compliant Part.
2 Linearity error here refers to integral nonlinearity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com