Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # LM2576
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576 Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

  LM2576 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM2576 Series
Typical Performance Characteristics (Circuit of Figure 2)
Normalized Output Voltage
Line Regulation
Dropout Voltage
VIN =20V
ILOAD = 500mA
Normalized at
TJ =25°C
ILOAD = 500mA
TJ =25°C
ILOAD = 3A
L1 = 150
H
3.3V, 5V & ADJ
12V & 15V
ILOAD = 200mA
ILOAD = 1A
RIND = 0.1Ω
JUNCTION TEMPERATURE (°C)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Standby
Quiescent Current
Quiescent Current
Current Limit
VIN = 25V
VIN = 40V
VOUT = 5V
Measured at
Ground Pin
VON/OFF = 5V
TJ =25°C
VIN =12 V
ILOAD = 200mA
ILOAD = 3A
JUNCTION TEMPERATURE (°C)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Switch Saturation
Voltage
Efficiency
Oscilator Frequency
Normalized at 25°C
-55°C
ILOAD = 3A
15V OUT
TJ =25°C
ILOAD = 200mA
VIN = 40V
25°C
150°C
5V
ILOAD = 3A
ILOAD = 200mA
VIN = 12V
SWITCH CURRENT (A)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Minimum Operating Voltage
Quiescent Current
vs Duty Cycle
Feedback Voltage
vs Duty Cycle
Adjustable Version Only
Adjustable Version Only
VIN = 7V
Adjustable Version Only
ILOAD = 500mA
VIN = 40V
VOUT ≈1.23V
ILOAD = 500mA
ILOAD = 500mA
VIN = 40V
VIN = 7V
JUNCTION TEMPERATURE (°C)
DUTY CYCLE (%)
DUTY CYCLE (%)
6
ELECTRONICS CO.,LTD
TIGER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com