Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 8 Page - Tiger Electronic Co.,Ltd

Part # LM2576
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576 Datasheet(HTML) 8 Page - Tiger Electronic Co.,Ltd

  LM2576 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM2576 Series
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage
transients which can cause problems. For minimal inductance and ground loops, the length of the leads indicated by heavy lines should
be kept as short as possible.
Single-point grounding (as indicated) or ground plane construction should be used for best results. When using the Adjustable version,
physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
Fixed Output Voltage Versions (Figure 2a)
UNREGULATED
+
+VIN
1
LM2576HV-
FIXED OUTPUT
ON/OFF
FEEDBACK
4
OUTPUT
2
L1
100
H
D1
VOUT
L
O
VIN
DC INPUT
GN
100
F
D 3
5
+
MBR360
COUT
1000
F
A
D
CIN — 100µF, 75V, Aluminum Electrolytic
COUT —1000µF, 25V, Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 100µH, Pulse Eng. PE-92108
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Adjustable Output Voltage Version (Figure 2b)
7V -60V
+VIN
1
100
F
LM2576HV-
ADJ
FEEDBACK
4
OUTPUT
2
L1
100
H
VOUT
5.00V
L
UNREGULATED
DC INPUT
+
CIN
GND 3
ON/OFF
5
+
COUT
R2
O
A
MBR360
1000
F
R1
D
V
OUT
=
V
REF 1
(
+ R
2 )
R
R
R
(
V
OUT
)1
2
1
V
REF
−
where VREF = 1.23V, R1 between 1k and 5k
REV No:01-060813
8
ELECTRONICS CO.,LTD
TIGER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com