Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM2576
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM2576 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2576 Series
Description
The LM2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching
regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V,
5V, 12V, 15V, and an adjustable output versions. Requiring a minimum number of external components, these regulators are simple to
use and include internal frequency compensation and a fixed-frequency oscillator. The LM2576 series offers a
high-efficiency replacement for popular three-terminal linear regulators. It substantially reduces the size of the heat sink, and in some
cases no heat sink is required. A standard series of inductors optimized for use with the LM2576 are available from several different
manufacturers. This feature greatly simplifies the design of switch-mode power supplies. Other features include a guaranteed ± 4%
tolerance on output voltage within specified input voltages and output load conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50µA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
Note:
Features
•
3.3V, 5V, 12V, 15V, and adjustable output versions
•
Adjustable version output voltage range
•
1.23V to 37V (57V for HV version) ± 4% max over line
and load conditions
•
Guaranteed 3A output current
•
Wide input voltage range, 40V up to 60V for HV
version
•
Requires only 4 external components
•
52 kHz fixed frequency oscillator
•
TTL shutdown capability, low power standby mode
•
High efficiency
•
Uses readily available standard inductors
•
Thermal shutdown and current limit protection
Applications
•
Simple high-efficiency step-down (buck) regulator
•
Efficient pre-regulator for linear regulators
•
On-card switching regulators
•
Positive to negative converter (Buck-Boost)
Typical application Figure 1.(Fixed Output Voltage Versions)
7V - 40V
(60V for HV)
UNREGULATED
+VIN
1
LM2576/
LM2576HV-
5.0
FEEDBACK
4
OUTPUT
2
L1
+5V
REGULATED
DC INPUT
+
3
GND
CIN
5 ON/OFF
100
H
D1
1N5822
+ COUT
1000
F
OUTPUT
3A
LOAD
1
TIGER ELECTRONICS CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
The L5973D is a step-down monolithic power switching regulator capable
31-Jan-2008
logo
Linear Technology
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com