Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3161 Datasheet(PDF) 2 Page - International Rectifier

Part # MCR03EZPFX3161
Description  HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3161 Datasheet(HTML) 2 Page - International Rectifier

  MCR03EZPFX3161 Datasheet HTML 1Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 2Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 3Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 4Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 5Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 6Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 7Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 8Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Rev 5.0
2
PD-97514
IR3859MPbF
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
•
Vin ……………………………………………………. -0.3V to 25V
•
Vcc ……………….….…………….……..……….…… -0.3V to 8V (Note2)
•
Boot
……………………………………..……….…. -0.3V to 33V
•
SW
…………………………………………..……… -0.3V to 25V(DC), -4V to 25V(AC, 100ns)
•
Boot to SW
……..…………………………….…..….. -0.3V to Vcc+0.3V (Note1)
•
OCSet
………………………………………….……. -0.3V to 30V (Max 30mA)
•
Input / output Pins ……………………………….. ... -0.3V to Vcc+0.3V (Note1)
•
PGND to GND ……………...………………………….. -0.3V to +0.3V
•
Storage Temperature Range ................................... -55°C To 150°C
•
Junction Temperature Range ................................... -40°C To 150°C (Note2)
•
ESD Classification …………………………… ……… JEDEC Class 1C
•
Moisture sensitivity level………………...………………JEDEC Level 3@260 °C (Note5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
W
/
C
W
/
C
W
/
C
o
PCB
J
*
o
JA
*
o
JA
)
FET
_
Ctrl
(
)
FET
_
Sync
(
2
45
45
=
=
=
-
θ
θ
θ
PACKAGE INFORMATION
4mm x 5mm POWER QFN
4000
17
IR3859MTRPbF
M
750
PARTS PER
REEL
17
PIN COUNT
IR3859MTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
13
VIN
12
SW
11
PGnd
17
Gnd
1
23
4
5
6
7
8
9
16
15
Fb Vsns COMP Gnd Rt
SS OCSet
PGood
Enable
Boot
Seq
Vcc
10
14
Sync
*
Exposed pads on underside
are connected to copper
pads of a 4-layer (2 oz.) PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com