Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3161 Datasheet(PDF) 32 Page - International Rectifier

Part # MCR03EZPFX3161
Description  HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3161 Datasheet(HTML) 32 Page - International Rectifier

Back Button MCR03EZPFX3161 Datasheet HTML 27Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 28Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 29Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 30Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 31Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 32Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 33Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 34Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 35Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Rev 5.0
32
PD-97514
IR3859MPbF
PCB Metal and Components Placement
PCB metal pad sizing (all dimensions in mm)
PCB metal pad spacing (all dimensions in mm)
Evaluations have shown that the best overall performance is achieved using the substrate/PCB layout
as shown in following figures. PQFN devices should be placed to an accuracy of 0.050mm on both X
and Y axes. Self-centering behavior is highly dependent on solders and processes, and experiments
should be run to confirm the limits of self-centering on specific processes. For further information,
please refer to “SupIRBuck™ Multi-Chip Module (MCM) Power Quad Flat No-Lead (PQFN) Board
Mounting Application Note.” (AN-1132)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com