Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3161 Datasheet(PDF) 13 Page - International Rectifier

Part # MCR03EZPFX3161
Description  HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3161 Datasheet(HTML) 13 Page - International Rectifier

Back Button MCR03EZPFX3161 Datasheet HTML 9Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 10Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 11Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 12Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 13Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 14Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 15Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 16Page - International Rectifier MCR03EZPFX3161 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Rev 5.0
13
PD-97514
IR3859MPbF
Soft-Start
The IR3859 has a programmable soft-start to
control the output voltage rise and to limit the
current surge at the start-up. To ensure correct
start-up, the soft-start sequence initiates when
the Enable and Vcc rise above their UVLO
thresholds and generate the Power On Ready
(POR) signal. The internal current source
(typically 20uA) charges the external capacitor
C
ss linearly from 0V to 3V. Figure 6 shows the
waveforms during the soft start.
The start up time can be estimated by:
During the soft start the OCP is enabled to
protect the device for any short circuit and over
current condition.
Pre-Bias Startup
IR3859 is able to start up into pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
The output starts in asynchronous fashion and
keeps the synchronous MOSFET off until the first
gate signal for control MOSFET is generated.
Figure 4 shows a typical Pre-Bias condition at
start up.
The synchronous MOSFET always starts with a
narrow pulse width and gradually increases its
duty cycle with a step of 25%, 50%, 75% and
100% until it reaches the steady state value. The
number
of these startup pulses for the
synchronous MOSFET is internally programmed.
Figure 5 shows a series of 32, 16, 8 startup
pulses.
Fig. 5. Pre-Bias startup pulses
Fig. 6. Theoretical operation waveforms
during soft-start
(
)
(1)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
A
20
*
0.7
-
1.4
μ
SS
start
C
T
=
Fig. 4. Pre-Bias startup
Fig. 3c. Recommended startup sequence,
Sequenced operation
Figure 3c. shows the recommended startup
sequence for sequenced operation of IR3859
with Enable used as logic input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com