Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM800C Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 12Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 13Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 14Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 15Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
VBUS
1
D-
2
D+
3
GND
5
ID
4
CN2
USB Micro-B
R18
0R
CS#
MOSI
MISO
SCK
INT#
R21
33R
R20
33R
R19
33R
R22
33R
1
2
3
4
5
6
7
8
9
10
J5
C29
C31
C30
C32
GND
5V
3V3
6x10pF
XL2
Shunt 0.1"
CS#
MOSI
SCK
R23
33R
R24
33R
MISO
INT#
PD#
C28
C27
GND
3V3
GND
PD#
VBUS
C24
0.1uF
3
2
GND
Vin
Vout
U7
AP1117E33G-13
C25
0.1uF
C26
10uF
GND
GND
GND
GND
5V
3V3
1
2
CN1
19108
GND
SW1
SS-1290AP
VBUS
To bypass 3.3V
regulator place jumper
on pins J5-7 and J5-8.
Figure 4-3 – VM800C SPI Interface and IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com