Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM800C Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 12Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 13Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 14Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 15Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 16Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 17Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 18Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 19Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
Further documentation associated with the VM800C development system and design flow can be found
at following link: http://www.ftdichip.com/VM800C.htm
The FT800 Programming Guide describes the programming code and formats used by the FT800. The
Sample Application is a well-formatted, and documented program that illustrates the Programming Guide,
and provides numerous design examples and reference code demonstrations.
J5 Pin number
J5 Signal
MPSSE pin number
MPSSE Signal
MPSSE Lead Color
1
SCK
2
SK
ORANGE
2
MOSI
3
DO
YELLOW
3
MISO
4
DI
GREEN
4
CS#
5
CS
BROWN
5
INT#
7
GPIOL1
PURPLE
6
PD#
9
GPIOL3
BLUE
7
5V
1
VCC
RED
8
3.3V
-
-
-
9
GND
10
GND
Black
10
GND
-
-
-
Table 5-2 – MPSSE cable (C232HM-EDHSL-0) connection
5.3
Arduino® Setup
Sample codes and demo applications are provided to users who want to connect VM800C to a MCU. FTDI
provides sample source code, Sample Application notes (AN_246) and a ready to run demo based on
Arduino® platform. Further documentation associated with the VM800C development system and design
flow can be found at http://www.ftdichip.com/VM800C.htm.
Applicaton note, AN_246, provides a reference guide for utilizing the VM800C development systems with
the Sample Application software and Arduino Pro platform.
The FT800 Programming Guide describes the programming code and formats used by the FT800. The
Sample Application is a well-formatted, and documented program that illustrates the Programming Guide,
and provides numerous design examples and reference code demonstrations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com