Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM800C Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  VM800C Datasheet HTML 1Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 2Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 3Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
The VM800C module is intended for direct use into existing applications that require a display.This
module is suitable for interfacing with an external microcontroller that has a SPI Master channel.
The VM800C module PCB comes in 2 types , 3.5 inch as well as a 4.3/5 inch model. The difference
between the 2 models is the flex cable receptical of the LCD. The 3.5 inch LCD uses a 54 pin receptical,
whereas the 4.3/5 inch model uses a 40 pin receptical.
The main functions of the VM800C are as follows:
Micro USB, SPI connector or 2-pin connector for power supply
3.3V regulator : Takes 5V input and outputs 3.3V for on-board circuits
LCD touch screen panel
LCD backlight driver. On board back light driver has over voltage protection (OVP).
Part No
OVP (v)
Backlight drive current
(mA)
VM800C35A-N
34
20
VM800C43A-N
34
32
VM800C35A-D
24
20
VM800C43A-D
24
32
VM800C50A-D
24
32
Table 3-1 LED backlight drive OVP and current
5V tolerant buffers between the SPI master interface and the Slave interface of the FT800
o
SPI timing requirement can be referred to FT800 datasheet. The on board level convert
buffers introduce additional delay. The actual maximum SPI clock frequency depends on
the host system timing and connection cable length to VM800C.
3 stage audio filter and power amplifier
8Ω speaker
Audio line out option
3.2
Physical Descriptions
3.2.1
PCB layout
The VM800C module is 85.6 x 54.1mm, four-layer printed circuit board. Board thickness is
approximately 1.6mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com