Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDD312 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MDD312
Description  High Power Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD312 Datasheet(HTML) 2 Page - IXYS Corporation

  MDD312 Datasheet HTML 1Page - IXYS Corporation MDD312 Datasheet HTML 2Page - IXYS Corporation MDD312 Datasheet HTML 3Page - IXYS Corporation MDD312 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2013 IXYS All rights reserved
2 - 4
20130813g
MDD 312
IXYS reserves the right to change limits, test conditions and dimensions.
Optional accessories for modules
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = white, cathode = red
Type ZY 180L (L = Left for pin pair 4/5)
Type ZY 180R (R = Right for pin pair 6/7)
2.8 x 0.8
SW 13
M8 x 20
1
2
3
80
92
115
6.2
20
22.5
35
28.5
UL 758, style 3751
Dimensions in mm (1 mm = 0.0394“)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com