Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDD312 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MDD312
Description  High Power Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD312 Datasheet(HTML) 4 Page - IXYS Corporation

  MDD312 Datasheet HTML 1Page - IXYS Corporation MDD312 Datasheet HTML 2Page - IXYS Corporation MDD312 Datasheet HTML 3Page - IXYS Corporation MDD312 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2013 IXYS All rights reserved
4 - 4
20130813g
MDD 312
IXYS reserves the right to change limits, test conditions and dimensions.
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
0.25
Z
thJC
[K/W]
0
25
50
75
100
125
150
0
200
400
600
800
0
500
1000
1500
2000
2500
3000
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
3 x MDD312
Circuit
B6U
0.3
0.2
0.15
0.1
0.06
0.03
0.4
R
thKA K/W
DC
180°
120°
60°
30°
DC
30°
60°
120°
180°
I
FAVM [A]
T
A [°C]
P
tot
[W]
Fig. 8 Three phase rectifier bridge: Power dissipation vs. direct output current & ambient temperature
t [s]
t [s]
Z
thJK
[K/W]
Fig. 9 Transient thermal impedance junction to case (per diode)
Fig. 10 Transient thermal impedance junction to heatsink (per diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.120
180°C
0.128
120°C
0.135
60°C
0.153
30°C
0.185
Constants for Z
thJC calculation:
i R
thi (K/W)
t
i (s)
1 0.0058
0.00054
2 0.031
0.098
3 0.072
0.54
4 0.0112
12
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.160
180°C
0.168
120°C
0.175
60°C
0.193
30°C
0.225
Constants for Z
thJK calculation:
i R
thi (K/W)
t
i (s)
1 0.0058
0.00054
2 0.031
0.098
3 0.072
0.54
4 0.0112 12
5 0.04
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com