Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP64N055T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP64N055T
Description  TrenchMV Power MOSFET N-Channel EngancementMode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP64N055T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP64N055T Datasheet HTML 1Page - IXYS Corporation IXTP64N055T Datasheet HTML 2Page - IXYS Corporation IXTP64N055T Datasheet HTML 3Page - IXYS Corporation IXTP64N055T Datasheet HTML 4Page - IXYS Corporation IXTP64N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C55
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
55
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C64
A
I
L
Package Current Limit, RMS
TO-252
25
A
I
DM
T
C = 25°C, pulse width limited by TJM
170
A
I
AR
T
C = 25°C10
A
E
AS
T
C = 25°C
250
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS
3
V/ns
T
J
≤ 175°C, R
G = 18 Ω
P
D
T
C = 25°C
130
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13 / 10 Nm/lb.in.
Weight
TO-220
3
g
TO-252
0.35
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS
= 0 V, I
D = 250 μA55
V
V
GS(th)
V
DS = VGS, ID = 25 μA
2.0
4.0
V
I
GSS
V
GS = ± 20 V, VDS = 0 V
± 100
nA
I
DSS
V
DS = VDSS
1
μA
V
GS = 0 V
T
J = 150°C
100
μA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25, Notes 1, 2
13
m
Ω
TrenchMVTM
Power MOSFET
Preliminary Technical Information
N-Channel Enhancement Mode
Avalanche Rated
IXTP64N055T
IXTY64N055T
V
DSS
=55
V
I
D25
=64
A
R
DS(on) ≤
≤≤≤≤
13 m
Ω
Ω
Ω
Ω
Ω
DS99498 (11/06)
TO-220 (IXTP)
D (TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-252 (IXTY)
D (TAB)
S
G
D S
G
Features
Ultra-low On Resistance
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
175
°C Operating Temperature
Advantages
Easy to mount
Space savings
High power density
Applications
Automotive
- Motor Drives
- High Side Switch
- 12V Battery
- ABS Systems
DC/DC Converters and Off-line UPS
Primary- Side Switch
High Current Switching
Applications


Similar Part No. - IXTP64N055T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP64N055T IXYS-IXTP64N055T Datasheet
176Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTP64N055T ISC-IXTP64N055T Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP64N055T

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF23N60M SSDI-SFF23N60M Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
SFF44N50M SSDI-SFF44N50M Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
SFF44N50S1 SSDI-SFF44N50S1 Datasheet
161Kb / 2P
Avalanche Rated N-channel MOSFET
SFF75N10B SSDI-SFF75N10B_1 Datasheet
125Kb / 2P
Avalanche Rated N-channel MOSFET
FT0028 SSDI-FT0028 Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
FT0037B SSDI-FT0037B Datasheet
118Kb / 2P
Avalanche Rated N-channel MOSFET
FT0044A SSDI-FT0044A Datasheet
145Kb / 2P
Avalanche Rated N-channel MOSFET
F00129H SSDI-F00129H_15 Datasheet
188Kb / 3P
Avalanche Rated N-channel MOSFET
FT0028 SSDI-FT0028_15 Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
FT0030 SSDI-FT0030_15 Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com