Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP64N055T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP64N055T
Description  TrenchMV Power MOSFET N-Channel EngancementMode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP64N055T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP64N055T Datasheet HTML 1Page - IXYS Corporation IXTP64N055T Datasheet HTML 2Page - IXYS Corporation IXTP64N055T Datasheet HTML 3Page - IXYS Corporation IXTP64N055T Datasheet HTML 4Page - IXYS Corporation IXTP64N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
IXTP64N055T
IXTY64N055T
IXYS REF: T_64N055T (1V) 7-14-06.xls
Fig. 14. Resistive Turn-on
Rise Time v s. Drain Current
20
25
30
35
40
45
50
55
60
65
10
12
14
16
18
20
22
24
26
28
30
ID - Amperes
RG = 18
Ω
VGS = 10V
VDS = 27.5V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
20
30
40
50
60
70
80
90
15
20
25
30
35
40
45
50
55
60
RG - Ohms
16
18
20
22
24
26
28
30
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 27.5V
I D = 30A
I D = 10A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
26
28
30
32
34
36
38
40
42
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
22
26
30
34
38
42
46
50
54
t f
td(off)
- - - -
RG = 18
Ω, VGS = 10V
VDS = 27.5V
I D = 10A
I D = 30A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
26
28
30
32
34
36
38
40
10
12
14
16
18
20
22
24
26
28
30
ID - Amperes
30
34
38
42
46
50
54
58
t f
td(off)
- - - -
RG = 18
Ω, VGS = 10V
VDS = 27.5V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
20
25
30
35
40
45
50
55
60
65
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 18
Ω
VGS = 10V
VDS = 27.5V
I D = 30A
I D = 10A
Fig. 18. Resistive Turn-off
Switching Times v s. Gate Resistance
20
30
40
50
60
70
80
90
100
110
120
15
20
25
30
35
40
45
50
55
60
RG - Ohms
30
40
50
60
70
80
90
100
110
120
130
t f
td(off)
- - - -
TJ = 125ºC, VGS = 10V
VDS = 27.5V
I D = 30A
I D = 10A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com