Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP64N055T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP64N055T
Description  TrenchMV Power MOSFET N-Channel EngancementMode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP64N055T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP64N055T Datasheet HTML 1Page - IXYS Corporation IXTP64N055T Datasheet HTML 2Page - IXYS Corporation IXTP64N055T Datasheet HTML 3Page - IXYS Corporation IXTP64N055T Datasheet HTML 4Page - IXYS Corporation IXTP64N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP64N055T
IXTY64N055T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 0.5 ID25, Note 1
17
28
S
C
iss
1420
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
255
pF
C
rss
68
pF
t
d(on)
19
n s
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 10 A
52
n s
t
d(off)
R
G = 18Ω (External)
37
n s
t
f
30
n s
Q
g(on)
37
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 10 A
10
nC
Q
gd
11
nC
R
thJC
1.15
°C/W
R
thCS
TO-220
0.5
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic
Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
64
A
I
SM
Repetitive
170
A
V
SD
I
F =25 A, VGS = 0 V, Note 1
1.2
V
t
rr
I
F = 25 A, -di/dt = 100 A/μs30
ns
V
R = 30 V, VGS = 0 V
Notes:
1. Pulse test: t
≤ 300 μs, duty cycle
d
≤ 2 %;
2. On through-hole packages, R
DS(on)
Kelvin test contact location must be
5 mm or less from the package body.
TO-252 (IXTY) Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
1 Anode
2 NC
3 Anode
4 Cathode
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-220 (IXTP) Outline
PRELIMINARYTECHNICAL
INFORMATION
The product presented herein is under
development. The Technical Specifica-
tions offered are derived from data
gathered during objective characteriza-
tions of preliminary engineering lots; but
also may yet contain some information
supplied during a pre-production design
evaluation. IXYS reserves the right to
change limits, test conditions, and
dimensions without notice.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2
7,071,537



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com