Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW020AF Datasheet(PDF) 5 Page - General Semiconductor

Part # LW020AF
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020AF Datasheet(HTML) 5 Page - General Semiconductor

  LW020AF Datasheet HTML 1Page - General Semiconductor LW020AF Datasheet HTML 2Page - General Semiconductor LW020AF Datasheet HTML 3Page - General Semiconductor LW020AF Datasheet HTML 4Page - General Semiconductor LW020AF Datasheet HTML 5Page - General Semiconductor LW020AF Datasheet HTML 6Page - General Semiconductor LW020AF Datasheet HTML 7Page - General Semiconductor LW020AF Datasheet HTML 8Page - General Semiconductor LW020AF Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Lineage Power
5
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Feature Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Turn-on Delay and Rise Times
(at 80% of IO, max; TA = 25 °C):
Case 1: On/Off Input Is Set for Unit On and then
Input Power Is Applied (delay from point at
which VI = 48 V until VO = 10% of VO, nom).
Case 2: 48 V Input Is Applied for at Least One
Second, and then the On/Off Input Is Set to
Turn the Module On (delay from point at which
on/off input is toggled until VO = 10% of
VO, nom).
Output Voltage Rise Time (time for VO to rise
from 10% of VO, nom to 90% of VO, nom)
Output Voltage Overshoot (at 80% of IO, max;
TA = 25 °C)
All
All
All
All
Tdelay
Tdelay
Trise
—
—
—
—
—
27
2
1.5
—
50
10
3.0
5
ms
ms
ms
%
Output Voltage Set-point Adjustment Range
LW020B
All others
—
—
83
90
—
—
110
110
%VO, nom
%VO, nom
Output Overvoltage Protection (clamp)
LW020G
LW020F
LW020A
LW020B
LW020C
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO, clamp
2.9
3.9
5.6
13.2
16.5
—
—
—
—
—
3.8
5.0
7.0
16.5
20.0
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com