Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW020AF Datasheet(PDF) 7 Page - General Semiconductor

Part # LW020AF
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020AF Datasheet(HTML) 7 Page - General Semiconductor

Back Button LW020AF Datasheet HTML 3Page - General Semiconductor LW020AF Datasheet HTML 4Page - General Semiconductor LW020AF Datasheet HTML 5Page - General Semiconductor LW020AF Datasheet HTML 6Page - General Semiconductor LW020AF Datasheet HTML 7Page - General Semiconductor LW020AF Datasheet HTML 8Page - General Semiconductor LW020AF Datasheet HTML 9Page - General Semiconductor LW020AF Datasheet HTML 10Page - General Semiconductor LW020AF Datasheet HTML 11Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Lineage Power
7
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Characteristics Curves (continued)
8-1260(C).a
Figure 5. LW020A Typical Converter Efficiency vs.
Output Current
8-1484(C)
Figure 6. LW020B Typical Converter Efficiency vs.
Output Current, TA =25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
72
73
74
75
76
77
OUTPUT CURRENT, IO (A)
78
79
80
81
82
VI = 36
VI = 54
VI = 75
0.2
0.4
0.6
0.8
1.0
1.2
70
OUTPUT CURRENT, IO (A)
84
86
1.4
1.6
0.0
82
80
78
VI = 75
VI = 54
VI = 36
76
74
72
8-1485(C)
Figure 7. LW020C Typical Converter Efficiency vs.
Output Current, TA =25°C
8-1262(C).a
Figure 8. LW020A, B, C, F, and G Typical Output
Voltage for a Step Load Change from 50%
to 75%
0.2
0.4
0.6
0.8
1.0
1.2
70
OUTPUT CURRENT, IO (A)
84
86
0.0
82
80
78
VI = 75
VI = 54
VI = 36
76
74
72
88
50%
IO, max
100%
VO, nom
99%
VO, nom
75%
IO, max
TIME, t (100 µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com