Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW020AF Datasheet(PDF) 1 Page - General Semiconductor

Part # LW020AF
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020AF Datasheet(HTML) 1 Page - General Semiconductor

  LW020AF Datasheet HTML 1Page - General Semiconductor LW020AF Datasheet HTML 2Page - General Semiconductor LW020AF Datasheet HTML 3Page - General Semiconductor LW020AF Datasheet HTML 4Page - General Semiconductor LW020AF Datasheet HTML 5Page - General Semiconductor LW020AF Datasheet HTML 6Page - General Semiconductor LW020AF Datasheet HTML 7Page - General Semiconductor LW020AF Datasheet HTML 8Page - General Semiconductor LW020AF Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
April 2008
LW020 Single-Output-Series Power Modules:
36 Vdc to 75 Vdc Inputs; 20 W
The LW020 Single-Output-Series Power Modules use
advanced, surface-mount technology and deliver high-qual-
ity, compact, dc-dc conversion at an economical price.
Applications
n
Distributed power architectures
n
Communication equipment
n
Computer equipment
Options
n
Choice of remote on/off configuration
n
Case ground pin
n
Synchronization
n
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
n
Short pins: 3.68 mm ± 0.25 mm
(0.145 in. ± 0.010 in.)
Features
n
Low profile: 9.91 mm (0.390 in.) with 0.38 mm
(0.015 in.) standoffs, 9.53 mm (0.375 in.) with
standoffs recessed
n
Wide input voltage range: 36 Vdc to 75 Vdc
n
Overcurrent protection
n
Output overvoltage protection
n
Input-to-output isolation: 1500 Vdc
n
Operating case temperature range: –40 °C to
+110 °C
n
Remote on/off
n
Output voltage adjustment: 90% to 110% of VO, nom
n
JQA Certified to EN60950
n
UL* 1950 Recognized, CSA† C22.2 No. 950-95
Certified, VDE‡ 0805 (EN60950, IEC950) Licensed
n
CE mark meets 73/23/EEC and 93/68/EEC
directives§
n
Within FCC Class A radiated limits
Description
The LW020 Single-Output-Series Power Modules are
low-profile dc-dc converters that operate over an
input voltage range of 36 Vdc to 75 Vdc and provide
precisely regulated outputs. The outputs are isolated
from the input, allowing versatile polarity configura-
tions and grounding connections. Built-in filtering for
both input and output minimizes the need for external
filtering. The modules have a maximum power rating
of 20 W at a typical full-load efficiency of up to 85%.
* UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Associa-
tion.
‡ VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-use equipment.
All the required procedures for CE marking of end-use equip-
ment should be followed. (The CE mark is placed on selected
products.)


Similar Part No. - LW020AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025A MACOM-LW025A Datasheet
477Kb / 16P
LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025F MACOM-LW025F Datasheet
477Kb / 16P
LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
More results

Similar Description - LW020AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
logo
List of Unclassifed Man...
MC010 ETC1-MC010 Datasheet
938Kb / 12P
MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
36 Vdc to 75 Vdc Inputs, 5 W
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com