Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF0605DPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJF0605DPD
Description  Silicon N Channel MOS FET Series Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0605DPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJF0605DPD Datasheet HTML 1Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 2Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 3Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 4Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 5Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 6Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 7Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJF0605DPD
Target Specifications
R07DS0714EJ0100 Rev.1.00
Page 4 of 7
Apr 17, 2012
60
50
–50 –25
0
25
75 100
50
150
125
10
20
30
40
Pulse Test
10 V
VGS = 4 V
ID = 10 A
ID = 10 A
2 A
2 A
5 A
5 A
100
10
1
0.1
0.1
1
100
10
Tc = –40°C
150°C
VDS = 10 V
Pulse Test
25°C
0.1
1
10
100
1000
10
100
1
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
010
20
30
40
60
50
10000
3000
1000
300
100
30
10
20
0
0
5
10
15
0.2
0.4
0.6
0.8
1.0
VGS = 5 V
100
10
1
1
10
100
0.1
Pulse Test
tf
tr
td(off)
td(on)
0 V
VGS = 10 V, VDD = 30 V
PW = 300
μs, duty ≤ 1 %
Coss
VGS = 0
f = 1 MHz
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain Current
ID (A)
Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com