Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF0605DPD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJF0605DPD
Description  Silicon N Channel MOS FET Series Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0605DPD Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJF0605DPD Datasheet HTML 1Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 2Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 3Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 4Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 5Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 6Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 7Page - Renesas Technology Corp RJF0605DPD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RJF0605DPD
Target Specifications
R07DS0714EJ0100 Rev.1.00
Page 3 of 7
Apr 17, 2012
Main Characteristics
50
40
30
20
10
0
0
50
100
150
200
100
10
1
0.1
0.01
0.1
1
10
100
50
30
20
10
40
0
2
04
6
8
10
VGS = 3 V
0
0
12
3
4
5
20
15
10
5
9 V
8 V
7 V
5 V
4 V
VDS = 10 V
Pulse Test
Pulse Test
500
400
300
200
100
0
2
04
6
8
10
1000
0.1
1
10
100
100
10
1
5 A
ID = 10 A
2 A
Pulse Test
Tc = –40
°C
25
°C
DC Operation
(Tc = 25
°C)
PW = 10 ms
1 ms
10 V
Pulse Test
VGS = 4 V
10 V
Operation in
this area is
limited by R
DS (on)
Thermal shut down
Operation area
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com