Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981BJSTZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1981BJSTZ1
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJSTZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1981BJSTZ1 Datasheet HTML 5Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 6Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 7Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 8Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 9Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 10Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 11Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 12Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD1981B
Rev. C | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
Power Supplies
Digital (DVDD)
−0.3 V to +3.6 V
Analog (AVDD)
−0.3 V to +6.0 V
Input Current (Except Supply Pins)
±10 mA
Signals Pins
Digital Input Voltage
−0.3 V to DVDD + 0.3 V
Analog Input Voltage
−0.3 V to AVDD + 0.3 V
Ambient Temperature Range
(Operating)
0°C to 70°C
−40°C to 85°C,
DVDD, 3.3 V ± 5%
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ENVIRONMENTAL CONDITIONS
All measurements per EIA-JESD51 with 2S2P test board per
EIA-JESD51-7.
Ambient Temperature Rating (LQFP Package)
TCASE = Case Temperature in °C
PD = Power Dissipation in W
θJA Thermal Resistance (Junction to Ambient)
θJC Thermal Resistance (Junction to Case)
Table 6. Thermal Resistance
Package
θJA
θJC
LQFP
50.1°C/W
17.8°C/W
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com