Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981BJSTZ1 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1981BJSTZ1
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJSTZ1 Datasheet(HTML) 3 Page - Analog Devices

  AD1981BJSTZ1 Datasheet HTML 1Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 2Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 3Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 4Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 5Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 6Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 7Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 8Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD1981B
Rev. C | Page 3 of 32
SPECIFICATIONS
TEST CONDITIONS
Standard test conditions, unless otherwise noted.
Table 1.
Parameter
Test Condition
Temperature
25°C
Digital Supply (DVDD)
3.3 V
Analog Supply (AVDD)
5.0 V
Sample Rate (fS)
48 kHz
Input Signal
1008 Hz
Analog Output Pass Band
20 Hz to 20 kHz
DAC
Calibrated
−3 dB Attenuation Relative to Full Scale
0 dB Input
10 kΩ Output Load (LINE_OUT)
32 Ω Output Load (HP_OUT)
ADC
Calibrated
0 dB Gain
Input −3.0 dB Relative to Full Scale
GENERAL SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
ANALOG INPUT
Input Voltage (RMS Values Assume Sine Wave Input)
LINE_IN, AUX, CD, PHONE_IN
1
V rms
2.83
V p-p
MIC_IN with 20 dB Gain
0.1
V rms
0.283
V p-p
MIC_IN with 0 dB Gain
1
V rms
2.83
V p-p
Input Impedance1
20
kΩ
Input Capacitance1
5
7.5
pF
MASTER VOLUME
Step Size (0 dB to −46.5 dB): LINE_OUT_L, LINE_OUT_R
1.5
dB
Output Attenuation Range1
46.5
dB
Step Size (0 dB to −46.5 dB): MONO_OUT
1.5
dB
Output Attenuation Range1
46.5
dB
Step Size (0 dB to −46.5 dB): HP_OUT_R, HP_OUT_L
1.5
dB
Output Attenuation Range Span1
46.5
dB
Mute Attenuation of 0 dB Fundamental1
80
dB
PROGRAMMABLE GAIN AMPLIFIER—ADC
Step Size (0 dB to 22.5 dB)
1.5
dB
PGA Gain Range
22.5
dB
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Signal-to-Noise Ratio (SNR)
CD to LINE_OUT
90
dB
Other to LINE_OUT1
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com