Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981BJSTZ1 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1981BJSTZ1
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJSTZ1 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1981BJSTZ1 Datasheet HTML 16Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 17Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 18Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 19Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 20Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 21Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 22Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 23Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD1981B
Rev. C | Page 20 of 32
Table 26. Settings for Record Gain Register
Reg. 0x76
Control Bits Record Gain (1Channel)
Left-Channel Input Mixer D [11:8]
Right-Channel Input Mixer D [3:0]
MSPLT1
D15
Write
Readback
Function
D71
Write
Readback
Function
0
0
1111
1111
22.5 dB Gain
X
1111
1111
22.5 dB Gain
0
0
0000
0000
0 dB Gain
X
0000
0000
0 dB Gain
0
1
XXXX
XXXX
−∞ dB Gain,
Muted
X
XXXX
XXXX
−∞ dB Gain,
Muted
1
0
1111
1111
22.5 dB Gain
1
XXXX
XXXX
−∞ dB Gain,
Right Only
Muted
1
1
XXXX
XXXX
−∞ dB Gain,
Left Only
Muted
0
1111
1111
22.5 dB Gain
1
1
XXXX
XXXX
−∞ dB Gain,
Left Muted
1
XXXX
XXXX
−∞ dB Gain,
Right Muted
1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect.
X is a wild card and has no effect on the value.
GENERAL-PURPOSE REGISTER
Index 0x20
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x20
General-Purpose
X
X
X
X
X
X
MIX
MS
LPBK
X
X
X
X
X
X
X
0x0000
This register should be read before writing to generate a mask for only the bit(s) that need to be changed.
All registers are not shown, and bits containing an X are assumed to be reserved.
Table 27.
Bit
Mnemonic
Function
LPBK
Loopback Control
ADC/DAC Digital Loopback Mode.
0 = No Loopback (default).
1 = Loopback PCM Digital Data from ADC Output to DAC.
MS
MIC Select
Selects mono MIC input.
0 = Select MIC1.
1 = Select MIC2.
See the 2CMIC bit in Register 0x76 to enable stereo microphone recording.
MIX
Mono Output Select
Selects mono output audio source.
0 = Mixer Mono Output (reset default).
1 = MIC1 Channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com