Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF3201B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST39VF3201B
Description  32 Mbit (x16) Multi-Purpose Flash Plus
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST39VF3201B Datasheet HTML 17Page - Microchip Technology SST39VF3201B Datasheet HTML 18Page - Microchip Technology SST39VF3201B Datasheet HTML 19Page - Microchip Technology SST39VF3201B Datasheet HTML 20Page - Microchip Technology SST39VF3201B Datasheet HTML 21Page - Microchip Technology SST39VF3201B Datasheet HTML 22Page - Microchip Technology SST39VF3201B Datasheet HTML 23Page - Microchip Technology SST39VF3201B Datasheet HTML 24Page - Microchip Technology SST39VF3201B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
32 Mbit Multi-Purpose Flash Plus
SST39VF3201B / SST39VF3202B
21
©2009 Silicon Storage Technology, Inc.
S71384-01-000
1/09
FIGURE 19: AC Input/Output Reference Waveforms
FIGURE 20: A Test Load Example
1384 F17.0
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measurement reference points
for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10% ↔ 90%) are <5 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
1384 F18.0
TO TESTER
TO DUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com