Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF3201B Datasheet(PDF) 27 Page - Microchip Technology

Part # SST39VF3201B
Description  32 Mbit (x16) Multi-Purpose Flash Plus
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201B Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST39VF3201B Datasheet HTML 21Page - Microchip Technology SST39VF3201B Datasheet HTML 22Page - Microchip Technology SST39VF3201B Datasheet HTML 23Page - Microchip Technology SST39VF3201B Datasheet HTML 24Page - Microchip Technology SST39VF3201B Datasheet HTML 25Page - Microchip Technology SST39VF3201B Datasheet HTML 26Page - Microchip Technology SST39VF3201B Datasheet HTML 27Page - Microchip Technology SST39VF3201B Datasheet HTML 28Page - Microchip Technology SST39VF3201B Datasheet HTML 29Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
32 Mbit Multi-Purpose Flash Plus
SST39VF3201B / SST39VF3202B
27
©2009 Silicon Storage Technology, Inc.
S71384-01-000
1/09
PRODUCT ORDERING INFORMATION
Valid Combinations for SST39VF3201B
SST39VF3201B-70-4C-EKE
SST39VF3201B-70-4C-B3KE
SST39VF3201B-70-4I-EKE
SST39VF3201B-70-4I-B3KE
Valid Combinations for SST39VF3202B
SST39VF3202B-70-4C-EKE
SST39VF3202B-70-4C-B3KE
SST39VF3202B-70-4I-EKE
SST39VF3202B-70-4I-B3KE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Environmental Attribute
E1 = non-Pb
Package Modifier
K = 48 balls or leads
Package Type
E = TSOP (type1, die up, 12mm x 20mm)
B3 = TFBGA (6mm x 8mm, 0.8mm pitch)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
70 = 70 ns
Hardware Block Protection
1 = Bottom Boot-Block
2 = Top Boot-Block
Device Density
320= 32Mbit
Voltage
V = 2.7-3.6V
Product Series
39 = Multi-Purpose Flash Plus
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.
SST
39
VF
320 2B
-
70
-
4C
-
EK
E
XX
XXXXX XB
-XX
-XX
-XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com