Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2152 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
[AP2152]
MS1348-E-00
12
2012/05
Internal Nch FET on PGOOD pin operation
●Turn off during normal operation
●Turn on when abnormal operation
Timer latch off (Over current, CH short, Thermal protection), all CH are open or short, UVLO
●Turn on when in standby state while supply voltage (VIN) is applied. Turn off when VIN is less than 2V
●Turn on without delay by timer circuit when OVP pin short is detected.
Figure6.
PGOOD pin operation
Figure7.
Cut off VIN-LED anode path by using an external FET (example)
VPWM
VIN
VIN
PWM
Initial determination
1/10 *ILED
ILED
LED setting current
30ms typ
1ms
LED Current
Soft Start
PGOOD
PGOOD
PGOOD
PGOOD
ON
OFF
OFF
ON
About 2V
OFF
About2V
0.3ms typ
VIN
8
LX
15
PGOOD
C IN2
C OUT 2
L
D
C OUT1
C IN1
VIN
1
LED Anode
3. 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com