Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2152 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 17Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 18Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
[AP2152]
MS1348-E-00
14
2012/05
3) Protection Function
Protection
Description
Detection time
Shut-off state
Detection
condition
Release
condition
PGOOD
Thermal
When the IC temperature rises and reaches
the
detection
condition
and
exceeds
the
detection time, the DC/DC boost converter and
the LED constant current circuit are latched off.
TTM
*2
Latch off
125℃min
*1
ON
Over
current
Internal Nch power MOSFET drain current is
monitored by using an internal detection
resistor. If exceeding the detection condition,
the power MOSFET is turned off. And if
exceeding the detection time, the DC/DC boost
converter and the LED constant current circuit
are latched off.
TTM
*2
Latch off
2.6A
*1
ON
Over
voltage
(OVP)
If the OVP pin voltage reaches the detection
condition,
the
DC/DC
boost
converter
is
immediately shut off. In this case, the LED
constant current circuit is still operating
LED anode
voltage control
Auto-release
More than
1.2V
1.2V
or less
OFF
OVP pin
short
If the OVP pin reaches the detection condition
caused by the OVP pin shorted to GND, the LED
anode shorted to GND or the Schottky diode
open, the DC/DC boost converter and the LED
constant current circuit are immediately shut off
and the internal PGOOD FET is turned on. If the
OVP pin voltage reaches the release condition,
normal operation is resumed.
If exceeding the detection time, the DC/DC
boost converter and the LED constant current
circuit are latched off.
Cease all
Auto-release
↓
TTM
*2
Latch off
Lass than
0.1V
More than
0.1V
↓
*1
ON
UVLO
To prevent malfunction of the IC when the VIN
voltage reaches the detection condition. Circuits
excluding the UVLO circuit stop the operation. If
the VIN voltage returns to the release condition,
the IC resumes normal operation.
Cease all
Auto-release
3.75Vmin
4.45Vmax
ON
LDO
short
To prevent malfunction and over heating of the
IC when the VDC pin shorts to GND. The LDO
current is limited to low levels. If the short state
goes away, the IC resumes normal operation.
Cease all
Auto-release
More than
30mA
30mA
or less
OFF
CH
short
When the CH pin shorts to GND, the voltage
reaches the detection condition, and exceeds the
detection time, the DC/DC boost converter and
the LED constant current are ceased.
TTM
*2
Latch off
0.1V
*1
ON
LED
open
If the CH pin is opened due to an LED
disconnection or destruction as an open state,
the CH pin is latched off.
Internal timer
each CH
Latch off
Less than
LED set
current
when OVP
Voltage
*1
OFF
*3
LED
short
If the CH pin voltage reaches the detection
condition due to destruction by an LED short,
the CH pin is latched off.
Internal timer
each CH
Latch off
12V
*1
OFF
*4
ISET
short
To prevent heat generation due to increases in
the LED current when the ISET pin shorts to
GND, the Nch power MOSFET operation is
ceased. If the short state goes away, the IC
resumes the normal operation.
Cease Nch Power
MOSFET
Auto-release
ISET pin
GND
short
ISET pin
normal 1V
OFF
RT
short
To prevent heat generation due to increases in
the switching frequency when the RT pin shorts
to GND, the Nch power MOSFET operation is
ceased. If the short state goes away, the IC
resumes the normal operation.
Cease Nch Power
MOSFET
Auto-release
RT pin GND
short
RT pin
Normal 1V
OFF
Note:
*1. In order to release the latch off state, the PWM pin should be maintained at a low level for 50ms or longer or
the supply voltage should be pulled down less than the UVLO voltage.
*2. Set time by external capacitor on the TM pin. Refer to the timer latch setting.
*3. OFF when 1 CH or 2 CHs out of 3 CHs is/are open state, ON when all 3 CHs are open state.
*4. OFF when 1 CH or 2 CHs out of 3 CHs is/are short state, ON when all 3 CHs are short state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com