Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2152 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 17Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 18Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
[AP2152]
MS1348-E-00
17
2012/05
PACKAGE and MARKING
1) Dimension(
(
(
(20 pin HTSSOP)
)
)
)
20
11
10
1
6.5
0.235
± 0.1
6.4 ±0.2
0.65
0.10
M
0.10
Reference Mount Pad
0.375
0.65
(4.32)
0°~10°
0.60 ±0. 1
S
S
±0.04
(4.12)
Mark
Lot No
Date code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com