Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLA-3416 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-3416 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 1. Internal block diagram.
CHARACTER RAM
ASCII DECODER
CHARACTER/CURSOR
MULTIPLEXER
WRITE
ADDRESS
A0 – A1
2
D0 – D6
7
DATA IN
DATA
OUT
7
CHARACTER
SELECT
COLUMN
DATA
5
0
3 ROW
SELECT
OSC
+ 32
+ 7
DIGITAL
DUTY
CONTROL
ROW
DRIVERS
DISPLAY
COLUMN
DRIVERS
ROW
SELECT
BLANK
CLR
ATTRIBUTE RAM
DIGIT CURSOR
D0
D1
DIGIT BLANK
DISABLE
CLR
CONTROL REGISTER
MASTER
BLANK
D2
D3 – D5
3
BRIGHTNESS
LEVELS
CLR
D6
EXTENDED
FUNCTIONS
DISPLAY
WRITE
CLR
CLR
CLR
WRITE
2
READ
ADDRESS
5 1
CURSOR
CHARACTER
CHARACTER/
CURSOR
MULTIPLEXER
SELECT
CUE
DCn
(4 x 7)
CE1
CE2
WR
CU
CE1
CE2
WR
CU
WRITE
WRITE ADDRESS
A0 – A1
READ ADDRESS
2
(2 x 4)
1 x 5
3
4 (LSBs)
2 (MSBs)
3
EFD
EFD
EFD
DBDn
MB
BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com