Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLA-3416 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-3416 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-3416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AC Timing Characteristics over Operating Temperature Range at VDD = 4.5 V
Parameter
Symbol
Min
Units
Address Setup
tAS
10
ns
Address Hold
tAH
40
ns
Data Setup
tDS
50
ns
Data Hold
tDH
40
ns
Chip Enable Setup
tCES
0
ns
Chip Enable Hold
tCEH
0
ns
Write Time
tW
75
ns
Clear
tCLR
10
s
Clear Disable
tCLRD
1
s
Timing Diagram
Enlarged Character Font
Notes:
1. Unless otherwise specified, the tolerance on
all dimensions is ± 0.254 mm (0.010").
2. Dimensions are in millimeters (inches).
CE1
tCES
tAS
tW
tAH
tCEH
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
tDS
tDH
tCLRD
tCLR
2.0 V
0.8 V
CE2
A0 – A1, CU
WR
D0 – D6
CLR
1.05 (0.041)
TYP.
6.9 (0.27)
TYP.
1.09 (0.043)
TYP.
0.25 (0.010)
TYP.
4.4 (0.175)
TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com