Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLA-3416 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-3416 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Table 1. Current Requirements at Different Brightness Levels
Symbol
D5
D4
D3
Brightness
25°C Typ.
25°C Max.
Max. over Temp.
Units
IDD(#)
0
0
0
100%
110
130
160
mA
0
0
1
60%
66
79
98
mA
0
1
0
40%
45
53
66
mA
0
1
1
27%
30
37
46
mA
1
0
0
17%
20
24
31
mA
1
0
1
10%
12
15
20
mA
1
1
0
7%
9
11
15
mA
1
1
1
3%
4
6
9
mA
Figure 3. Display blanking truth table.
Figure 3 shows how the Extended Function Disable (bit D6
of the Control Register), Master Blank (bit D2 of the Control
Register), Digit Blank Disable (bit D1 of the Attribute RAM),
and BL input can be used to blank the display.
When the Extended Function Disable is a logic 1, the
display can be blanked only with the BL input. When
the Extended Function Disable is a logic 0, the display
can be blanked through the BL input, the Master
Blank, and the Digit Blank Disable. The entire display
will be blanked if either the BL input is logic 0 or the
Master Blank is logic 1, providing all Digit Blank Disable
bits
are
logic
0. Those
digits
with
Digit
Blank
Disable bits a logic 1 will ignore both blank signals
and remain ON. The Digit Blank Disable bits allow individ-
ual characters to be blanked or flashed in synchronization
with the BL input.
Dimming
Dimming of the display is controlled through either the
BL input or the Control Register. A pulse width modulated
signal can be applied to the BL input to dim the display.
A three bit word in the Control Register generates an
internal pulse width modulated signal to dim the display.
The internal dimming feature is enabled only if the
Extended Function Disable is a logic 0.
Bits 3–5 in the Control Register provide internal brightness
control. These bits are inter-preted as a three bit binary
code, with code (000) corresponding to the maximum
brightness and code (111) to the minimum brightness. In
addition to varying the display brightness, bits 3–5 also
vary the average value of IDD. IDD can be specified at any
brightness level as shown in Table 1.
– Display Blanked by BL
– Display ON
– Display Blanked by BL.
Individual Characters “ON”
based on “1” being stored in DBDn
– Display Blanked by MB
– Display Blanked by MB.
Individual characters “ON”
based on “1” being stored in DBDn
– Display Blanked by BL
– Display ON
EFD
MB
DBDn
BL
0
0
0
0
0
0
X
1
0
X
1
0
0
1
0
X
0
1
1
1
1
X
X
0
1
X
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com