Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8349EVVAJDB Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8349EVVAJDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349EVVAJDB Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8349EVVAJDB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
49
Timers
Figure 34 provides the AC test load for PCI.
Figure 34. PCI AC Test Load
Figure 35 shows the PCI input AC timing diagram.
Figure 35. PCI Input AC Timing Diagram
Figure 36 shows the PCI output AC timing diagram.
Figure 36. PCI Output AC Timing Diagram
14 Timers
This section describes the DC and AC electrical specifications for the timers.
14.1
Timer DC Electrical Characteristics
Table 47 provides the DC electrical characteristics for the MPC8349EA timer pins, including TIN, TOUT,
TGATE, and RTC_CLK.
Table 47. Timer DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
——
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
tPCIVKH
CLK
Input
tPCIXKH
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output
tPCKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com