Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8349EVVAJDB Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8349EVVAJDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349EVVAJDB Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8349EVVAJDB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8349EVVAJDB Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
74
Freescale Semiconductor
Thermal
20 Thermal
This section describes the thermal specifications of the MPC8349EA.
20.1
Thermal Characteristics
Table 63 provides the package thermal characteristics for the 672 35
× 35 mm TBGA of the MPC8349EA.
306
0011
0000110
—
—
66
200
600
405
0100
0000101
—
—
66
266
667
504
0101
0000100
—
—
66
333
667
1 The PLL configuration reference number is the hexadecimal representation of RCWL, bits 4–15 associated with the SPMF and
COREPLL settings given in the table.
2 The input clock is CLKIN for PCI host mode or PCI_CLK for PCI agent mode.
Table 63. Package Thermal Characteristics for TBGA
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection on single-layer board (1s)
RθJA
14
°C/W
1, 2
Junction-to-ambient natural convection on four-layer board (2s2p)
RθJMA
11
°C/W
1, 3
Junction-to-ambient (at 200 ft/min) on single-layer board (1s)
RθJMA
11
°C/W
1, 3
Junction-to-ambient (at 200 ft/min) on four-layer board (2s2p)
RθJMA
8
°C/W
1, 3
Junction-to-ambient (at 2 m/s) on single-layer board (1s)
RθJMA
9
°C/W
1, 3
Junction-to-ambient (at 2 m/s) on four-layer board (2s2p)
RθJMA
7
°C/W
1, 3
Junction-to-board thermal
RθJB
3.8
°C/W
4
Junction-to-case thermal
RθJC
1.7
°C/W
5
Table 62. Suggested PLL Configurations (continued)
Ref
No.1
RCWL
400 MHz Device
533 MHz Device
667 MHz Device
SPMF
CORE
PLL
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com